Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5K5 Datasheet(PDF) 8 Page - Sharp Corporation

Part # SM5K5
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K5 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button SM5K5 Datasheet HTML 4Page - Sharp Corporation SM5K5 Datasheet HTML 5Page - Sharp Corporation SM5K5 Datasheet HTML 6Page - Sharp Corporation SM5K5 Datasheet HTML 7Page - Sharp Corporation SM5K5 Datasheet HTML 8Page - Sharp Corporation SM5K5 Datasheet HTML 9Page - Sharp Corporation SM5K5 Datasheet HTML 10Page - Sharp Corporation SM5K5 Datasheet HTML 11Page - Sharp Corporation SM5K5 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 8 -
• SM5K5
(TOPR = –20 to +70°C, TYP. value : VDD = 5.0 or 3.0 V, Unless otherwise noted.)
PARAMETER SYMBOL
CONDITIONS
MIN.
UNIT NOTE
Input voltage
VIH1
0.8 x VDD
0
0.9 x VDD
0
VDD
0.2 x VDD
VDD
0.1 x VDD
V
V
1
2
Input current
IIL1
VIN = 0 V
2
25
25
70
1
1
90
250
2
10
10
µA
µA
3
4
Output current
IOL1
VO = 1.0 V
5
15
0.3
1.0
7
20
300
1 000
15
25
1.5
2.2
35
60
2 000
2 400
mA
µA
5
6
Supply current
IDD
fOSC = 2 MHz
1 200
300
600
20
40
760
400
15
20
2
10
130
220
2 500
800
1 200
120
160
1 500
900
60
90
2
10
25
300
450
2
µA
µA
µA
µA
7
7
8
9
A/D
conversion
Resolution
10
± 2.5
± 3.2
± 4.0
± 4.0
± 5.0
± 6.0
bit
LSB
VIH2
VIL1
VIL2
IIL2
IIH1
IIH2
IOL2
IOH1
IOH2
ISTOP
IHLT
IVR
Sequential
linearity error
Differential
linearity error
Total error
VDD = VR = 5.0 V
VDD = VR = 5.0 V
VDD = VR = 5.0 V
fOSC = 1 MHz
TOPR = 25°C
fOSC = 1 MHz
TOPR = 25°C
fOSC = 1 MHz
TOPR = 25°C
VIN = VDD
VIN = 0 V
VIN = VDD
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VO = VDD–0.5 V
VO = 0.5 V
VO = VDD–0.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 4.5 to 5.5 V
A/D in operation
Ceramic OSC mode
fOSC = 32.768 kHz
(Crystal OSC mode)
fOSC = 1 MHz
fOSC = 32.768 kHz
(Crystal OSC mode)
fOSC = 1 MHz
fOSC = 2 MHz
fOSC = 32.768 kHz
(Crystal OSC mode)
A/D in stop
VDD = 4.5 to 5.5 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 4.5 to 5.5 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 4.5 to 5.5 V
VDD = 2.2 to 3.3 V
VDD = 2.2 to 3.3 V
MAX.
TYP.


Similar Part No. - SM5K5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5K58A LEIDITECH-SM5K58A Datasheet
521Kb / 4P
   Excellent clamping capability
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
   Excellent clamping capability
More results

Similar Description - SM5K5

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
   8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Sharp Corporation
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
   4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
   4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com