Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

252QS24E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 252QS24E
Description  GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

252QS24E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  252QS24E Datasheet HTML 1Page - Hittite Microwave Corporation 252QS24E Datasheet HTML 2Page - Hittite Microwave Corporation 252QS24E Datasheet HTML 3Page - Hittite Microwave Corporation 252QS24E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10
10 - 131
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC252QS24 / 252QS24E
Return Loss
Insertion Loss
Isolation
v05.0505
GaAs MMIC SP6T NON-REFLECTIVE
SWITCH, DC - 3 GHz
Bias Voltage & Current
TTL/CMOS Control Voltages
Vdd Range = +5.0 Vdc ± 10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
5.0
8.0
State
Bias Condition
Low
0 to +0.8 Vdc @ 5uA Typ.
High
+2.0 to +5.0 Vdc @ 70 uA Typ.
Truth Table
NOTE:
1. DC Blocking capacitors are required at ports RFC and RF1, 2, 3, 4, 5, 6.
2. Input is reflective when “ALL OFF” state is selected.
Control Input
Signal Path State
AB
C
RFCOM to:
LOW
LOW
LOW
RF1
HIGH
LOW
LOW
RF2
LOW
HIGH
LOW
RF3
HIGH
HIGH
LOW
RF4
LOW
LOW
HIGH
RF5
HIGH
LOW
HIGH
RF6
LOW
HIGH
HIGH
ALL OFF
HIGH
HIGH
HIGH
ALL OFF
-3
-2.5
-2
-1.5
-1
-0.5
0
0123
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0123
4
FREQUENCY (GHz)
RF6
RF1, RF2, RF3, RF4, RF5
-35
-30
-25
-20
-15
-10
-5
0
0123
4
RFC
RF 1-6 On
RF 1-6 Off
FREQUENCY (GHz)


Similar Part No. - 252QS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
252QS24E HITTITE-252QS24E Datasheet
249Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
More results

Similar Description - 252QS24E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC252AQS24E AD-HMC252AQS24E Datasheet
601Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC252QS24 HITTITE-HMC252QS24_06 Datasheet
249Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC252QS24 HITTITE-HMC252QS24 Datasheet
196Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
logo
Custom MMIC Design Serv...
CMD236C4 MMIC-CMD236C4 Datasheet
270Kb / 8P
   DC-18 GHz SP6T Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com