Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

270MS8GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 270MS8GE
Description  GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

270MS8GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  270MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 270MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 270MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 270MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 270MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 270MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 146
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltages
RFC, RF1, & RF2 should be at <100 mV DC potential.
Otherwise, DC blocking capacitors are recommended.
Choose value for lowest frequency of operation.
Do not “HOT” switch power levels >+13 dBm
(Vctl = 0/-5Vdc)
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
ON
OFF
Low
High
OFF
ON
State
Bias Condition
Low
0 to -0.2V @ 10 uA Typ.
High
-5V @ 35 uA Typ. to -7V @ 100 uA Typ (±0.5 Vdc)
HMC270MS8G / 270MS8GE
v04.0607
GaAs MMIC SPDT SWITCH
NON-REFLECTIVE, DC - 8 GHz


Similar Part No. - 270MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
270MS8GE HITTITE-270MS8GE Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
270MS8GE HITTITE-270MS8GE Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
More results

Similar Description - 270MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC270AMS8GE AD-HMC270AMS8GE Datasheet
504Kb / 5P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC -8 GHz
logo
Hittite Microwave Corpo...
HMC270MS8GETR HITTITE-HMC270MS8GETR Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com