Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC273MS10G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC273MS10G
Description  1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC273MS10G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC273MS10G_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC273MS10G_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC273MS10G_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC273MS10G_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC273MS10G_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC273MS10G_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
RoHs Compliant Product
1 dB LSB Steps to 31 dB
Single Positive Control Per BIT
±0.2 dB Typical Bit Error
Miniature MSOP 10 Package: 14.8mm2
Included in the HMC-DK004 Designer’s Kit
Electrical Specifications,
T
A = +25° C, Vdd = +3V to +5V & Vctl = 0/Vdd (Unless Otherwise Stated)
Typical Applications
The
HMC273MS10G(E)
is
a
general
purpose
broadband 5-Bit positive control GaAs IC digital
attenuator in a 10 lead MSOP plastic package.
Covering 0.7 to 3.8 GHz, the insertion loss is typically
less than 2.5 dB.
The attenuator bit values are
1 (LSB), 2, 4, 8, and 16 dB for a total attenuation
of 31 dB.
Accuracy is excellent at ±0.2 dB typical
with an IIP3 of up to +48 dBm. Five bit control vol-
tage inputs, toggled between 0 and +3 to +5 volts, are
used to select each attenuation state. A single Vdd
bias of +3 to +5 volts applied through an external
5K Ohm resistor is required.
The HMC273MS10G(E) is ideal for:
• Cellular; UMTS/3G Infrastructure
• ISM, MMDS, WLAN, WiMAX
• Microwave Radio & VSAT
• Test Equipment and Sensors
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.7 GHz
3.7 - 3.8 GHz
1.8
2.3
2.8
3.5
3.9
2.4
2.9
3.4
4.2
4.4
dB
dB
dB
dB
dB
Attenuation Range
0.7 - 3.8 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.7 GHz
2.7 - 3.8 GHz
11
12
10
17
20
14
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
All Attenuation States
All Attenuation States
All Attenuation States
0.7 - 1.4 GHz
1.4 - 2.2 GHz
2.2 - 2.7 GHz
2.7 - 3.8 GHz
± (0.30 + 3% of Atten. Setting) Max
± (0.30 + 4% of Atten. Setting) Max
± (0.40 + 5% of Atten. Setting) Max
± (0.50 + 5% of Atten. Setting) Max
dB
dB
dB
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
0.7 - 3.8 GHz
27
22
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
Vdd = 5V
Vdd = 3V
0.7 - 3.8 GHz
48
46
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 3.8 GHz
560
600
ns
ns
1 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G / 273MS10GE
v04.0907


Similar Part No. - HMC273MS10G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results

Similar Description - HMC273MS10G_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com