Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050J-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E050J-E
Description  Double channel high side driver for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050J-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E050J-E_09 Datasheet HTML 7Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 8Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 9Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 10Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 11Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 12Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 13Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 14Page - STMicroelectronics VND5E050J-E_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
VND5E050K-E
Electrical specifications
Doc ID 14472 Rev 3
11/40
tPOL
Delay between input
falling edge and status
rising edge in open-load
condition
IOUT = 0A (see Figure 4)
200
500
1200
µs
VOL
Openload off-state
voltage detection
threshold
VIN = 0V;
2
4
V
tDSTKON
Output short circuit to
VCC detection delay at
turn-off
See Figure 4
180
tPOL
µs
IL(off2)
Off-state output
current(1)
VIN= 0V; VOUT= 4V
(see Section 3.4: Open-load
detection in off-state)
-75
0
µA
td_vol
Delay response from
output rising edge to
status falling edge in
open-load
VIN= 0V; VOUT= 4V
20
µs
1.
For each channel.
Table 10.
Logic input
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VIL
Input low level
0.9
V
IIL
Low level input current
VIN =0.9 V
1
µA
VIH
Input high level
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN = 1mA
IIN = -1mA
5.5
-0.7
7V
V
VSDL
STAT_DIS low level voltage
0.9
V
ISDL
Low level STAT_DIS current
VSD = 0.9 V
1
µA
VSDH
STAT_DIS high level voltage
2.1
V
ISDH
High level STAT_DIS current
VSD = 2.1 V
10
µA
VSD(hyst)
STAT_DIS hysteresis voltage
0.25
V
VSDCL
STAT_DIS clamp voltage
ISD=1mA
ISD=-1mA
5.5
-0.7
7V
V
Table 9.
Openload detection (8V<VCC<18V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E050J-E_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050J-E STMICROELECTRONICS-VND5E050J-E Datasheet
1,014Kb / 40P
   Double channel high side driver for automotive applications
More results

Similar Description - VND5E050J-E_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050K-E STMICROELECTRONICS-VND5E050K-E Datasheet
1,014Kb / 40P
   Double channel high side driver for automotive applications
VND5160J-E STMICROELECTRONICS-VND5160J-E Datasheet
529Kb / 31P
   Double channel high side driver for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E_07 Datasheet
851Kb / 37P
   Double channel high side driver for automotive applications
VND5E160J-E STMICROELECTRONICS-VND5E160J-E Datasheet
747Kb / 34P
   Double channel high side driver for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com