Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7473 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7473
Description  dbCOOL Remote Thermal Monitor and Fan Control
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7473_11 Datasheet HTML 1Page - ON Semiconductor ADT7473_11 Datasheet HTML 2Page - ON Semiconductor ADT7473_11 Datasheet HTML 3Page - ON Semiconductor ADT7473_11 Datasheet HTML 4Page - ON Semiconductor ADT7473_11 Datasheet HTML 5Page - ON Semiconductor ADT7473_11 Datasheet HTML 6Page - ON Semiconductor ADT7473_11 Datasheet HTML 7Page - ON Semiconductor ADT7473_11 Datasheet HTML 8Page - ON Semiconductor ADT7473_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
ADT7473
http://onsemi.com
2
Figure 1. Functional Block Diagram
BAND GAP
REFERENCE
10−BIT
ADC
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
GND
PWM1
PWM2
PWM3
PWM
REGISTERS
AND
CONTROLLERS
(HF AND LF)
ACOUSTIC
ENHANCEMENT
CONTROL
SMBus
ADDRESS
SELECTION
AUTOMATIC
FAN SPEED
CONTROL
DYNAMIC
TMIN
CONTROL
TACH1
TACH2
TACH3
TACH4
FAN
SPEED
COUNTER
THERMAL
PROTECTION
PERFORMANCE
MONITORING
*THERM_LATCH
INPUT
SIGNAL
CONDITIONING
AND
ANALOG
MULTIPLEXER
VCC TO ADT7473/ADT7473−1
VCC
D1+
D1–
D2+
D2–
VCCP
BAND GAP
TEMP SENSOR
SRC
INTERRUPT
MASKING
PWM
CONFIGURATION
REGISTERS
ADDRESS
POINTER
REGISTER
SERIAL BUS
INTERFACE
SCL
*ADDR SELECT
*ADDREN
SDA SMBALERT
ADT7473/ADT7473−1
*PIN FUNCTION ONLY AVAILABLE ON THE ADT7473−1
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
3.6
V
Voltage on any Input or Output Pin
−0.3 to +3.6
V
Input Current at any Pin
±5.0
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Reflow Peak Temperature
Lead Temperature (Soldering, 10 sec)
260
300
°C
ESD Rating
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
16−lead QSOP
150
39
°C/W
NOTE: qJA is specified for the worst−case conditions, that is, a device soldered in a circuit board for surface−mount packages.


Similar Part No. - ADT7473_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com