Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP565D2T12 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP565D2T12
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565D2T12 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP565D2T12 Datasheet HTML 1Page - ON Semiconductor NCP565D2T12 Datasheet HTML 2Page - ON Semiconductor NCP565D2T12 Datasheet HTML 3Page - ON Semiconductor NCP565D2T12 Datasheet HTML 4Page - ON Semiconductor NCP565D2T12 Datasheet HTML 5Page - ON Semiconductor NCP565D2T12 Datasheet HTML 6Page - ON Semiconductor NCP565D2T12 Datasheet HTML 7Page - ON Semiconductor NCP565D2T12 Datasheet HTML 8Page - ON Semiconductor NCP565D2T12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP565/NCV565
http://onsemi.com
2
Figure 1. Typical Application Schematic,
Fixed Output
Cin
Cout
Vin
Vout
GND
Vin
Vout
NCP565
Figure 2. Typical Application Schematic,
Adjustable Output
Cin
Cout
Vin
Vout
GND
Vin
Vout
NCP565
C1
5.6 pF
R1
R2
ADJ
PIN DESCRIPTION
D2PAK 5
D2PAK 3
DFN6
SOT−223
Symbol
Description
Pin No.
Adj. Version
Pin No.
Fixed Version
Pin No.
Adj. Version
Pin No.
Fixed Version
Pin No.
Fixed Version
1
1, 2
1, 2, 5
N.C.
2
1
3
3
3
Vin
Positive Power Supply Input Voltage
3, Tab
2, Tab
6
6
1
Ground
Power Supply Ground
4
3
4
4
2, Tab
Vout
Regulated Output Voltage
5
5
Adj
This pin is to be connected to the sense
resistors on the output. The linear
regulator will attempt to maintain 0.9 V
between this pin and ground. Refer to
the Application Information section for
output voltage setting.
Figure 3. Block Diagram, Fixed Output
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
Vin
Figure 4. Block Diagram, Adjustable Output
Thermal
Shutdown
Block
Current
Limit
Sense
Vout
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
GND
Thermal
Shutdown
Block
Current
Limit
Sense
Vout
Vin
ADJ
GND


Similar Part No. - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565D2T12G ONSEMI-NCP565D2T12G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565D2T12R4 ONSEMI-NCP565D2T12R4 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565D2T12R4 ONSEMI-NCP565D2T12R4 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com