Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP565D2T12G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP565D2T12G
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565D2T12G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP565D2T12G Datasheet HTML 5Page - ON Semiconductor NCP565D2T12G Datasheet HTML 6Page - ON Semiconductor NCP565D2T12G Datasheet HTML 7Page - ON Semiconductor NCP565D2T12G Datasheet HTML 8Page - ON Semiconductor NCP565D2T12G Datasheet HTML 9Page - ON Semiconductor NCP565D2T12G Datasheet HTML 10Page - ON Semiconductor NCP565D2T12G Datasheet HTML 11Page - ON Semiconductor NCP565D2T12G Datasheet HTML 12Page - ON Semiconductor NCP565D2T12G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP565/NCV565
http://onsemi.com
9
PCB Layout Considerations
Good PCB layout plays an important role in achieving
good load transient performance. Because it is very sensitive
to its PCB layout, particular care has to be taken when
tackling Printed Circuit Board (PCB) layout. The figures
below give an example of a layout where parasitic elements
are minimized. For microprocessor applications it is
customary to use an output capacitor network consisting of
several capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close as possible to the load for the best results.
The schematic of NCP565 typical application circuit, which
this PCB layout is base on, is shown in Figure 20. The output
voltage is set to 3.3 V for this demonstration board according
to the feedback resistors in the Table 1.
Figure 20. Schematic of NCP565 Typical Application Circuit
Vin
Vout
NCP565
GND
Adj
C1
150 m
R2
15.8 k
Vout
Vin
GND
C2
150 m
NC
C4
10 m
C3
150 m
GND
C3
150 m
C6
5.6 p
R1
42.2 k
2
1
3
5
4
Figure 21. Top Layer


Similar Part No. - NCP565D2T12G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2T12G ONSEMI-NCP565D2T12G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565D2T12G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com