Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC274QS16E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC274QS16E
Description  1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC274QS16E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC274QS16E Datasheet HTML 1Page - Hittite Microwave Corporation HMC274QS16E Datasheet HTML 2Page - Hittite Microwave Corporation HMC274QS16E Datasheet HTML 3Page - Hittite Microwave Corporation HMC274QS16E Datasheet HTML 4Page - Hittite Microwave Corporation HMC274QS16E Datasheet HTML 5Page - Hittite Microwave Corporation HMC274QS16E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC274QS16 / 274QS16E
1 dB LSB GaAs IC 5-BIT DIGITAL
ATTENUATOR, 0.7 - 2.7 GHz
v01.0505
General Description
Features
Functional Diagram
1 dB LSB Steps to 31 dB
Single Positive Control (+3 to +5V) Per Bit
±0.5 dB Typical Bit Error
Small QSOP16 Plastic Package
Included in the HMC-DK004 Designer’s Kit
Typical Applications
The HMC274QS16 / HMC274QS16E is ideal for:
• Cellular/PCS/3G Infrastructure
• 2.4 GHz ISM Radios
• Wireless Data
The HMC274QS16 & HMC274QS16E are broadband
5-bit positive control GaAs IC digital attenuators in
16 lead QSOP plastic packages. Covering 0.7 to 2.7
GHz the insertion loss is typically less than 2.3 dB.
The attenuator bit values are 1 (LSB), 2, 4, 8, and
16 dB for a total attenuation of 31 dB. Accuracy
is excellent at ± 0.5 dB typical with an IIP3 of up to
+50 dBm. Five bit control voltage inputs, toggled
between 0 and +3 to +5 volts, are used to select
each attenuation state. A single Vdd bias of +3 to +5
volts applied through an external 5K Ohm resistor is
required.
Electrical Specifications, T
A = +25° C, Vdd = +3V to +5V & Vctl = 0/Vdd
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.0
2.3
2.5
2.4
2.7
3.1
dB
dB
dB
Attenuation Range
0.7 - 2.7 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.7 GHz
10
12
15
17
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
All Attenuation States
All Attenuation States
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
± 0.35 + 5% of Atten. Setting Max
± 0.25 + 3% of Atten. Setting Max
± 0.30 + 5% of Atten. Setting Max
dB
dB
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
0.7 - 2.7 GHz
29
20
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
Vdd = 5V
Vdd = 3V
0.7 - 2.7 GHz
54
52
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 2.7 GHz
560
600
ns
ns


Similar Part No. - HMC274QS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16 Datasheet
210Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
More results

Similar Description - HMC274QS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16 Datasheet
210Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
List of Unclassifed Man...
HMC271LP4 ETC1-HMC271LP4 Datasheet
476Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com