Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC286 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC286
Description  GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC286 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC286_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC286_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC286_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC286_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC286_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC286_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 10
HMC286 / 286E
GaAs MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.5 GHz
v03.0410
General Description
Features
Functional Diagram
2.4 GHz LNA
Noise Figure: 1.7 dB
Gain: 19 dB
Single Supply: +3V
No External Components
Ultra Small SOT26 Package
Electrical Specifications, T
A = +25° C, Vdd= +3V
Typical Applications
The HMC286 / HMC286E is ideal for:
• BlueTooth
• Home RF
• 802.11 WLAN Radios
• PCMCIA Platforms
The HMC286 & HMC286E are low cost Low Noise
Amplifiers (LNA) for 2.3 to 2.5 GHz spread spectrum
applications. The LNA provides 19 dB of gain and a
1.7 dB noise figure from a single positive +3V power
supply that consumes only 8.5mA. The typical output
1 dB compression point is +6 dBm at 2.4 GHz. The
compact LNA design utilizes on-chip matching for
repeatable gain and noise figure performance. In
addition, eliminating the external matching circuitry
also reduces the overall size of the LNA function. The
HMC286 & HMC286E were designed to meet the
size constraints of PCMCIA platforms and uses the
SOT26 package that occupies 0.118” x 0.118”, which
makes them a small fully integrated solution that can
be easily implemented with other 2.4 GHz ASICs.
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2.3 - 2.5
GHz
Gain
16
19
dB
Gain Variation Over Temperature
0.015
0.03
dB/°C
Gain Flatness
±1.25
dB
Noise Figure
1.7
2.5
dB
Input Return Loss
12
dB
Output Return Loss
4.5
dB
Output 1 dB Compression (P1dB)
2
6
dBm
Output Third Order Intercept (IP3)
9
12
dBm
Supply Current (Idd)
8.5
12.5
mA


Similar Part No. - HMC286_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
More results

Similar Description - HMC286_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8 Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
   1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
Transcom, Inc.
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
   2.3 - 2.5 GHz 1W MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com