Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC288MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC288MS8
Description  2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC288MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC288MS8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC288MS8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC288MS8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC288MS8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC288MS8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC288MS8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 35
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Bit Error
vs. Attenuation State
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Note: All Data Typical Over Voltage (+3V to +5V) & Temperature (-40 to +85 deg. C.).
Absolute Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
2 dB LSB GaAs MMIC 3-BIT DIGITAL
ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 / 288MS8E
v01.0705
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
-40 C
+85 C
FREQUENCY (GHz)
0
0.3
0.6
0.9
1.2
1.5
2468
10
12
14
0.9 GHz
1.9 GHz
2.4 GHz
3.5 GHz
ATTENUATION STATE (dB)
-16
-14
-12
-10
-8
-6
-4
-2
0
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
8 dB
14 dB
FREQUENCY (GHz)
-20
0
20
40
60
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
8 dB
16 dB
FREQUENCY (GHz)
0
0.3
0.6
0.9
1.2
1.5
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
8 dB
14 dB
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
8 dB
14 dB
FREQUENCY (GHz)


Similar Part No. - HMC288MS8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results

Similar Description - HMC288MS8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
List of Unclassifed Man...
HMC271LP4 ETC1-HMC271LP4 Datasheet
476Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC271LP4 HITTITE-HMC271LP4_10 Datasheet
355Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271LP4 HITTITE-HMC271LP4_09 Datasheet
353Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271ALP4 HITTITE-HMC271ALP4 Datasheet
979Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271LP4 HITTITE-HMC271LP4 Datasheet
500Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com