Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC277MS8E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC277MS8E
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC277MS8E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC277MS8E Datasheet HTML 1Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 2Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 3Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 4Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 5Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
9
9 - 133
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation Circuit Board
List of Materials for Evaluation PCB 115791 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC277MS8 / HMC272MS8E Mixer
PCB [2]
102643 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board
shown is available from Hittite upon request.
HMC277MS8 / 277MS8E
GaAs MMIC SMT SINGLE
BALANCED MIXER, 0.7 - 1.2 GHz
v00.0906


Similar Part No. - HMC277MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8 Datasheet
253Kb / 6P
   GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
HMC277MS8 HITTITE-HMC277MS8_06 Datasheet
253Kb / 6P
   GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
More results

Similar Description - HMC277MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC350MS8 HITTITE-HMC350MS8_10 Datasheet
188Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE BALANCED MIXER, 0.6 - 1.2 GHz
HMC272MS8 HITTITE-HMC272MS8_01 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com