Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

311ST89E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 311ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

311ST89E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  311ST89E Datasheet HTML 1Page - Hittite Microwave Corporation 311ST89E Datasheet HTML 2Page - Hittite Microwave Corporation 311ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 311ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 311ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 311ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 23
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+7V
RF Input Power (RFIN)(Vcc = +3.9V)
+10 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 5.21 mW/°C above 85 °C)
0.34 W
Thermal Resistance
(junction to lead)
191 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC311ST89
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H311
XXXX
HMC311ST89E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H311
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. PACKAGE BODY MATERIAL:
MOLDING COMPOUND MP-180S OR EQUIVALENT.
2. LEAD MATERIAL: Cu w/ Ag SPOT PLATING.
3. LEAD PLATING: 100% MATTE TIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS]
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC311ST89 / 311ST89E
v03.0710
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz


Similar Part No. - 311ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
311ST89E HITTITE-311ST89E Datasheet
350Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results

Similar Description - 311ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3_07 Datasheet
227Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC311LP3 HITTITE-HMC311LP3_09 Datasheet
233Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Analog Devices
HMC311LP3 AD-HMC311LP3_17 Datasheet
320Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC311ST89 AD-HMC311ST89_17 Datasheet
295Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com