Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

326MS8GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 326MS8GE
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

326MS8GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  326MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 326MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 326MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 326MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 326MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 326MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 36
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 104356 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3
2mm DC Header
C1 - C2
330 pF Capacitor, 0603 Pkg.
C3
0.7 pF Capacitor, 0603 Pkg.
C4
3.0 pF Capacitor, 0402 Pkg.
C5
2.2 μF Capacitor, Tantalum
L1
3.3 nH Inductor, 0805 Pkg.
U1
HMC326MS8G / HMC326MS8GE
Amplifier
PCB [2]
104106 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350, 10 mil thick, tr = 3.48
HMC326MS8G / 326MS8GE
v08.0808
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz


Similar Part No. - 326MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
326MS8GE HITTITE-326MS8GE Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
More results

Similar Description - 326MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
231Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
   GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com