Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

327MS8GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 327MS8GE
Description  GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

327MS8GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  327MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 6
TL1
TL2
TL3
Impedance
50 Ohm
50 Ohm
50 Ohm
Length
0.038”
0.231”
0.1”
Note: C3 should be located <0.020” from Pin 8 (Vcc)
Note: C2 Should be located < 0.020” from L1
Pin Number
Function
Description
Interface Schematic
1Vpd
Power Control Pin. For proper control bias, this pin should be con-
nected to 5V through a series resistor of 130 Ohms. A higher voltage is
not recommended. For lower idle current, this voltage can be reduced.
2, 4, 7
GND
Ground: Backside of package has exposed metal ground paddle that
must be connected to ground thru a short path. Vias under the device
are required.
3RFIN
This pin is AC coupled
and matched to 50 Ohms.
5, 6
RFOUT
RF output and bias for the output stage. The power supply for the
output device needs to be supplied to these pins.
8Vcc
Power supply voltage for the first amplifier stage. An external bypass
capacitor of 330 pF is required. This capacitor should be placed as
close to the device as possible.
Pin Descriptions
Application Circuit
HMC327MS8G / 327MS8GE
v05.0509
GaAs InGaP HBT MMIC
1/2 WATT POWER AMPLIFIER, 3 - 4 GHz


Similar Part No. - 327MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
327MS8GE HITTITE-327MS8GE Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
More results

Similar Description - 327MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com