Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC329LC3B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC329LC3B
Description  GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329LC3B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC329LC3B_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC329LC3B_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC329LC3B_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC329LC3B_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC329LC3B_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC329LC3B_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 168
HMC329LC3B
GaAs MMIC FUNDAMENTAL
MIXER, 24 - 32 GHz
v03.1208
General Description
Features
Functional Diagram
Passive: No DC Bias Required
Input IP3: +18 dBm
LO/RF Isolation: 38 dB
Wide IF Bandwidth: DC - 8 GHz
Robust 500V ESD, Class 1B
12 Lead Ceramic 3x3 mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, IF= 1 GHz, LO= +13 dBm*
Typical Applications
The HMC329LC3B is ideal for:
• Point-to-Point Radios
• Point-to-Mulit-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
The HMC329LC3B is a general purpose double
balanced
mixer
in
a
leadless
RoHS
compliant
SMT package that can be used as an upconverter
or downconverter between 24 and 32 GHz. This
mixer requires no external components or matching
circuitry. The HMC329LC3B provides excellent LO to
RF and LO to IF suppression due to optimized balun
structures. The mixer operates with LO drive levels
above +9 dBm. The HMC329LC3B eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
24 - 32
GHz
Frequency Range, IF
DC - 8
GHz
Conversion Loss
10.5
12.5
dB
Noise Figure (SSB)
10.5
12.5
dB
LO to RF Isolation
32
38
dB
LO to IF Isolation
26
40
dB
RF to IF Isolation
20
30
dB
IP3 (Input)
18
dBm
IP2 (Input)
40
dBm
1 dB Gain Compression (Input)
13
dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.


Similar Part No. - HMC329LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
More results

Similar Description - HMC329LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC-C014 HITTITE-HMC-C014 Datasheet
445Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER MODULE, 16 - 32 GHz
HMC560LM3 HITTITE-HMC560LM3 Datasheet
330Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com