Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79L15F Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L15F
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L15F Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM79L15F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L15F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 4
-
HTC
PIN CONFIGURATION
TO-92
SOT-89
PIN DESCRIPTION
TO-92 / SOT-89 3 LEAD
Pin No.
Name
Function
1
GND
Ground
2
VIN
Input Voltage
3
VOUT
Output Voltage
TYPICAL APPLICATION
LM79LXX
(Note 1)
0.1uF
(Note 2)
0.33uF
(Note 2)
INPUT
OUTPUT
1
23
Note 1. To specify an output voltage, substitute voltage for "XX".
Note 2. Bypass capacitors are recommended for optimum stability and transient response and should be located as
close as possible to the regulators.
1 2 3
1
2
3


Similar Part No. - LM79L15F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79L15 NSC-LM79L15 Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Boca Semiconductor Corp...
LM79L15 BOCA-LM79L15 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L15 FCI-LM79L15 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L15 ETC1-LM79L15 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
More results

Similar Description - LM79L15F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com