Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

327MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 327MS8GE
Description  GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

327MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  327MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 327MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 2
HMC327MS8G / 327MS8GE
GaAs InGaP HBT MMIC
1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
v06.1209
General Description
Features
Functional Diagram
The HMC327MS8G(E) is a high efficiency GaAs
InGaP Heterojunction Bipolar Transistor (HBT) MMIC
power amplifier which operates between 3 and 4 GHz.
The amplifier is packaged in a low cost, surface mo-
unt 8 leaded package with an exposed base for
improved RF and thermal performance. With a mini-
mum of external components, the amplifier provides
21 dB of gain, +30 dBm of saturated power at 45%
PAE from a single +5V supply. Power down capability
is available to conserve current consumption when the
amplifier is not in use.
High Gain: 21 dB
Saturated Power: +30 dBm @ 45% PAE
Output P1dB: +27 dBm
Single Supply: +5V
Power Down Capability
Low External Part Count
Compact MSOP Package: 14.8 mm
2
Electrical Specifications, T
A = +25 °C, Vs = 5V, Vctl = 5V
Typical Applications
The HMC327MS8G(E) is ideal for:
• Wireless Local Loop
• WiMAX & Fixed Wireless
• Access Points
• Subscriber Equipment
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3 - 4
GHz
Gain
17
21
24
dB
Gain Variation Over Temperature
0.025
0.035
dB / °C
Input Return Loss
15
dB
Output Return Loss
8dB
Output Power for 1dB Compression (P1dB)
24
27
dBm
Saturated Output Power (Psat)
30
dBm
Output Third Order Intercept (IP3)
36
40
dBm
Noise Figure
5dB
Supply Current (Icq)
Vctl* = 0V/5V
0.002 / 250
mA
Control Current (Ipd)
Vctl* = 5V
7
mA
Switching Speed
tON, tOFF
40
ns
*See Application Circuit for proper biasing configuration.


Similar Part No. - 327MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
327MS8GE HITTITE-327MS8GE Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
More results

Similar Description - 327MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com