Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC338LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC338LC3B
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC338LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC338LC3B_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC338LC3B_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
8 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP2 vs. LO Drive @ Vdd = +4V *
Input IP2 vs. LO Drive @ Vdd = +3V *
Input IP3 vs. LO Drive @ Vdd = +4V *
Input IP3 vs. LO Drive @ Vdd = +3V *
Input P1dB vs. Temperature @
LO = -4 dBm, Vdd = +4V
Input P1dB vs. Temperature @
LO = -4 dBm, Vdd = +3V
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
0
4
8
12
16
20
24
26
28
30
32
34
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
24
26
28
30
32
34
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
0
4
8
12
16
20
25
26
27
28
29
30
31
32
33
34
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
25
26
27
28
29
30
31
32
33
34
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
0
4
8
12
16
20
24
26
28
30
32
34
-25C
+85C
-40C
FREQUENCY (GHz)
0
4
8
12
16
20
25
26
27
28
29
30
31
32
33
34
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
HMC338LC3B
v03.1208
GaAs MMIC SUB-HARMONIC
SMT MIXER, 24 - 34 GHz


Similar Part No. - HMC338LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results

Similar Description - HMC338LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Hittite Microwave Corpo...
HMC798LC4_1007 HITTITE-HMC798LC4_1007 Datasheet
675Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
260Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC798ALC4 AD-HMC798ALC4 Datasheet
484Kb / 26P
   24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com