Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC339 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC339
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC339 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC339 Datasheet HTML 1Page - Hittite Microwave Corporation HMC339 Datasheet HTML 2Page - Hittite Microwave Corporation HMC339 Datasheet HTML 3Page - Hittite Microwave Corporation HMC339 Datasheet HTML 4Page - Hittite Microwave Corporation HMC339 Datasheet HTML 5Page - Hittite Microwave Corporation HMC339 Datasheet HTML 6Page - Hittite Microwave Corporation HMC339 Datasheet HTML 7Page - Hittite Microwave Corporation HMC339 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
3 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Temperature
@ LO = +2 dBm, Vdd = +4V*
Input IP3 vs. Temperature
@ LO = +2 dBm, Vdd = +3V*
Input IP2 vs. LO Drive @ Vdd = +4V*
Input IP2 vs. LO Drive @ Vdd = +3V*
Input IP3 vs. LO Drive @ Vdd = +4V*
Input IP3 vs. LO Drive @ Vdd = +3V*
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
0
4
8
12
16
20
33
34
35
36
37
38
39
40
41
0 dBm
+ 2 dBm
+ 4 dBm
FREQUENCY (GHz)
0
4
8
12
16
20
33
34
35
36
37
38
39
40
41
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
33
34
35
36
37
38
39
40
41
0 dBm
+ 2 dBm
+ 4 dBm
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
33
34
35
36
37
38
39
40
41
0 dBm
+ 2 dBm
+ 4 dBm
FREQUENCY (GHz)
0
4
8
12
16
20
33
34
35
36
37
38
39
40
41
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
0
4
8
12
16
20
33
34
35
36
37
38
39
40
41
0 dBm
+ 2 dBm
+ 4 dBm
FREQUENCY (GHz)
HMC339
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz


Similar Part No. - HMC339

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
   Satellite Communication Systems
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
   The HMC339 is ideal for
More results

Similar Description - HMC339

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC338 HITTITE-HMC338 Datasheet
295Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC404 HITTITE-HMC404 Datasheet
237Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
HMC404 HITTITE-HMC404_08 Datasheet
254Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com