Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340ALP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 340ALP5E
Description  GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

340ALP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  340ALP5E Datasheet HTML 1Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 2Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 3Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 4Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 5Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 6Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 7Page - Hittite Microwave Corporation 340ALP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 6
Pin Number
Function
Description
interface schematic
1, 2, 4, 5, 7-11,
13-18, 20, 21,
23-28, 30-32
N/C
No Connection. These pins may be connected to
rF ground without affecting performance.
3, 6
LO1, LO2
LO Port: This pin is DC coupled
and matched to 50 Ohms.
12, 29
iF2, iF1
iF Port: This pin is DC coupled. For applications not requiring
operation to DC, this port should be DC blocked externally
using a series capacitor whose values has been chosen to
pass the necessary iF frequency range. For operation to DC,
this pin must not source/sink more than 4mA of current or die
non-function and possible die failure will result.
19, 22
rF2, rF1
rF Port: This pin is DC coupled
and matched to 50 Ohms.
Package
Bottom
GND
Package bottom must be connect to rF/DC ground.
Pin Descriptions
HMC340ALP5 / 340ALP5E
v00.0710
GaAs MMIC SMT Double-bAlAnCeD
DuAl MIxer, 1.7 - 4.5 GHz


Similar Part No. - 340ALP5E

ManufacturerPart #DatasheetDescription
logo
NEC
340A NEC-340A Datasheet
3Mb / 51P
   Noise Filters
logo
Glenair, Inc.
340AS001M16 GLENAIR-340AS001M16 Datasheet
94Kb / 1P
   O-Ring Sealed Shorting Cap Backshell
340AS002M16 GLENAIR-340AS002M16 Datasheet
73Kb / 1P
   O-Ring Sealed Shorting Cap Backshell
More results

Similar Description - 340ALP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC213AMS8 HITTITE-HMC213AMS8 Datasheet
737Kb / 6P
   GaAs MMIC SMT Double-Ba lanced Mixer, 1.5 - 4.5 GHz
HMC207AS8 HITTITE-HMC207AS8 Datasheet
633Kb / 6P
   GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com