Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1501AR Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501AR
Description  5.0A, 150kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501AR Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1501AR Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501AR Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501AR Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501AR Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5.0A, 150kHz, Step-down Switching Regulator
LM1501A
Mar. 2011 – Ver. 1.3
4
HTC
TYPICAL APPLICATION
- Fixed Application Circuit
L1
33uH
COUT
220uF
GND
LM1501A-5.0
1
2
3
4
CIN
680uF
VIN
Unregulated
DC Input
ON/OFF 5
D1
1N5824
Output
Feedback
Regulated
Output
5A Load
12V
5V
- Adjustable Application Circuit
L1
33uH
COUT
220uF
GND
LM1501A-ADJ
1
2
3
4
CIN
680uF
VIN
Unregulated
DC Input
ON/OFF 5
D1
1N5824
Output
Feedback
Regulated
Output
5A Load
12V
5V
R2
R1
TYPICAL OPERATING CHARACTERISTICS
T.B.D
APPLICATION INFORMAION
T.B.D


Similar Part No. - LM1501AR

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
LM1501BR-12-5L HTC-LM1501BR-12-5L Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
More results

Similar Description - LM1501AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com