Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1501BT-ADJ-5L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501BT-ADJ-5L
Description  5.0A, 300kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501BT-ADJ-5L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1501BT-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.0A, 300kHz, Step-down Switching Regulator
LM1501B
Mar. 2011 – Ver. 1.2
3
HTC
Electrical Characteristics
Unless otherwise specified, TJ=25℃ VIN= 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V
version. ILOAD = 500mA.
Characteristic
Symb
ol
Test Condition
Min
Typ
Max
Unit
LM1501B -ADJ
VOUT = 3V, ILOAD = 5A
73
LM1501B-3.3
VIN = 12V, ILOAD = 5A
73
LM1501B-5
VIN = 12V, ILOAD = 5A
80
Efficiency
η
LM1501B-12
VIN = 25V, ILOAD = 5A
90
%
LM1501B-3.3
4.75V≤VIN≤40V
0.2A≤ILOAD≤5A
3.20
3.3
3.40
LM1501B-5
7V≤VIN≤40V
0.2A≤ILOAD≤5A
4.85
5
5.15
Output Voltage
VOUT
LM1501B-12
15V≤VIN≤40V
0.2A≤ILOAD≤5A
11.64
12
12.36
V
Feedback Voltage
VFB
LM1501B-ADJ
4.5V≤VIN≤40V
0.2A≤ILOAD≤5A
VOUT programmed for 3V
1.180
1.215
1.250
Oscillator Frequency
fO
255
300
345
kHz
Feedback Bias Current
ID
LM1501B-ADJ; VFB=1.215V
15
50
nA
Saturation Voltage
VSAT
IOUT = 5A, (Note 2, 3)
1.4
V
(Note 3)
100
Max Duty Cycle (ON)
Max Duty Cycle (OFF)
DC
(Note 4)
0
%
Current Limit
ICL
Peak Current, (Note 2, 3)
6.5
A
Output = 0V (Note 2, 4)
50
μA
Output
Leakage Current
IL
Output = -1V, VIN=40V
2
30
mA
Quiescent Current
IQ
(Note 4)
4.5
10
mA
Standby Quiescent
Current
ISTBY
ON/OFF pin = 5V(OFF), VIN = 40V
80
200
μA
1.3
VIH
Low (Regulator ON)
0.6
ON/OFF Pin Logic Input
Threshold voltage
VIL
High (Regulator OFF)
2.0
V
IH
VLOGIC = 2.5V (regulator OFF)
5
15
ON/OFF Pin Logic Input
current
IL
VLOGIC = 0.5V (regulator ON)
5
uA
Note 2. No elements connected to output pin
Note 3. Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 4. Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the A version, and 15V for the 12V version. To force the
output transistor switch OFF


Similar Part No. - LM1501BT-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
LM1501AR HTC-LM1501AR Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
More results

Similar Description - LM1501BT-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
Exar Corporation
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com