Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1501BR-5.0-5L Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501BR-5.0-5L
Description  5.0A, 300kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501BR-5.0-5L Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1501BR-5.0-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501BR-5.0-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501BR-5.0-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501BR-5.0-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0A, 300kHz, Step-down Switching Regulator
LM1501B
Mar. 2011 – Ver. 1.2
2
HTC
Ordering Information
VOUT
Package
Order No.
Description
Package Marking
Supplied As
TO-263 5L
LM1501BR-ADJ-5L
5A, 300kHz
LM1501B-ADJ
Reel
ADJ
TO-220 5L
LM1501BT-ADJ-5L
5A, 300kHz
LM1501B-ADJ
Tube
TO-263 5L
LM1501BR-3.3-5L
5A, 300kHz
LM1501B-3.3
Reel
3.3V
TO-220 5L
LM1501BT-3.3-5L
5A, 300kHz
LM1501B-3.3
Tube
TO-263 5L
LM1501BR-5.0-5L
5A, 300kHz
LM1501B-5.0
Reel
5.0V
TO-220 5L
LM1501BT-5.0-5L
5A, 300kHz
LM1501B-5.0
Tube
TO-263 5L
LM1501BR-12-5L
5A, 300kHz
LM1501B-12
Reel
12V
TO-220 5L
LM1501BT-12-5L
5A, 300kHz
LM1501B-12
Tube
PIN CONFIGURATION
TO-263 5L
TO-220 5L
PIN DESCRIPTION
TO-263 / TO-220 5 LEAD
Pin No.
Name
Function
1
VIN
Operating Input Voltage
2
OUTPUT
Switching Output Voltage
3
GND
Ground
4
FB
Output Voltage Feedback Control
5
SD
ON/OFF Shutdown
SD
FB
GND
OUTPUT
VIN
SD
FB
GND
OUTPUT
VIN
: TO-263
: TO-220
R
T
Lead Count : 5L
Output Voltage : ADJ / 3.3V / 5.0V / 12V
Package Type
Root Name
LM 1501B R – 3.3 V – 5 L
Product Code


Similar Part No. - LM1501BR-5.0-5L

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
LM1501AR HTC-LM1501AR Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
More results

Similar Description - LM1501BR-5.0-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
Exar Corporation
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com