Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576TV Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576TV
Description  3.0A, 52kHz, Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576TV Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2576TV Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576TV Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3.0A, 52kHz, Step-Down Switching Regulator
LM2576
All Output Voltage Versions
TJ= 0 to +125℃
47
-
58
%
A
mA
ICL
IL
nA
kHz
V
11
50
30
6.9
9
Min
TYP
94
98
1.5
42
-
-52
Max Duty Cycle ("0") [Note 5]
DC
mA
-
7.5
-
Output = -1.0V
-
2
Feedback Bias Current (Vout=5.0V [Adjustable Version Only])
Ib
1.8
-
ON/OFF Pin = 0V (Regulator ON), TJ=25℃
IIL
-
0
5.0
ON/OFF Pin = 5.0V (Regulator OFF), TJ=25℃
IIH
-15
30
ON/OFF Pin Input Current (Test Circuit Figure 15)
1
TJ= -40 to +125℃
-
-
0.8
TJ=25℃
-
1.2
-
Vout=Nominal Output Voltage
VIH
VIL
-
TJ= -40 to +125℃
2.4
-
TJ=25℃
2.2
1.4
Vout=0V
400
ON/OFF Pin Logic Input Level (Test circuit Figure 15)
TJ= -40 to +125℃
--
TJ=25℃
-
80
200
Standby Quiescent Current (ON/OFF Pin = 5.0V ("off"))
ISTBY
TJ= -40 to +125℃
--
TJ=25℃
-5
Quiescent Current [Note 6]
IQ
6
Output = 0V
-
0.8
Output Leakage Current [Note 6 and 7], TJ=25℃
TJ= -40 to +125℃
3.5
5.8
Current Limit (Peak Current [Note 3 and 4])
TJ=25℃
4.2
63
TJ= -40 to +125℃
--
Vsat
TJ=25℃
-
Saturation Voltage (Iout=3.0A [note 4])
TJ= -40 to +125℃
--
Fosc
TJ= -40 to +125℃
Unit
Max
Characteristics
Symbol
HTC
- 4 -
TJ=25℃
-
25
100
200
Oscillator Frequency [Note 3]
V
TJ=25℃
V
ELECTRICAL CHARACTERISTICS / Device Parameters
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12
V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max
values TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted.)
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which
causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self
protection
feature lowers the average dissipation of the IC by lowering the minimum duty cycle from 5% down to
approximately
2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and
5.0V ersions, and +25 V for the 12 V and15 V versions, to force the output transistor “off”.
7. Vin = 40 V.


Similar Part No. - LM2576TV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576TV ETC1-LM2576TV Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576TV-005 ONSEMI-LM2576TV-005 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576TV-012 ONSEMI-LM2576TV-012 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576TV-012G ONSEMI-LM2576TV-012G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576TV-015 ONSEMI-LM2576TV-015 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576TV

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Weitron Technology
WT2575M WEITRON-WT2575M Datasheet
975Kb / 11P
   2A Step-down Voltage Regulator Power Converter 52kHz
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com