Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC349MS8GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC349MS8GE
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC349MS8GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC349MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC349MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC349MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC349MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC349MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC349MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 246
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Absolute Maximum Ratings
Control Input
Signal Path State
Vctl
EN
RFC - RF1
RFC - RF2
Low
Low
OFF
ON
High
Low
ON
OFF
Low
High
OFF
OFF
High
High
OFF
OFF
RF Input Power (Vctl = 0V/+5V)
(0.25 - 4 GHz)
+30 dBm (T = +85 °C)
Supply Voltage Range (Vdd)
+7 Vdc
Control Voltage Range (Vctl)
-1V to Vdd +1V
Hot Switch Power Level
(Vdd = +5V)
+30 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 12 mW/°C above 85 °C)
0.75 W
Thermal Resistance
87 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Note: DC blocking capacitors are required at ports RFC,
RF1 and RF2. Their value will determine the lowest trans-
mission frequency.
State
Bias Condition
Low
0 to +0.8 Vdc @ <1 μA Typical
High
+2.0 to +5.0 Vdc @ 30 μA Typical
Vdd Range = +5.0 Vdc ± 10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
2.3
5.0
Bias Voltage & Current
TTL/CMOS Control Voltages
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC349MS8G / 349MS8GE
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 4 GHz
v02.0607


Similar Part No. - HMC349MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC349MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Analog Devices
HMC849ALP4CE AD-HMC849ALP4CE Datasheet
566Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com