Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC362S8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC362S8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC362S8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC362S8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC362S8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC362S8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC362S8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC362S8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC362S8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
Vcc -1.6V to Vcc -1.2V
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vcc (V)
Icc (mA)
4.75
61
5.0
68
5.25
74
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC362S8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
HMC362
XXXX
HMC362S8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
HMC362
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC362S8G / 362S8GE
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 12 GHz
v03.0505
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
-300
-200
-100
0
100
200
300
22.7
23.1
23.5
23.9
24.3
24.7
TIME (nS)


Similar Part No. - HMC362S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC362S8G HITTITE-HMC362S8G Datasheet
258Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
HMC362S8G HITTITE-HMC362S8G Datasheet
362Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC362S8GE AD-HMC362S8GE Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC362S8G HITTITE-HMC362S8G_06 Datasheet
362Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
More results

Similar Description - HMC362S8G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_09 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com