Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC363G8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC363G8
Description  SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC363G8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC363G8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC363G8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC363G8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC363G8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC363G8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC363G8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6
6 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1
IN
RF Input must be DC blocked.
2, 6
N/C
No connection.
3IN
RF Input 180° out of phase with pin 1 for differential operation.
AC ground for single ended operation.
4GND
Ground: Backside of package has exposed metal ground which
must be connected to a RF/DC ground.
5
OUT
Divided output 180° out of phase with pin 7.
7
OUT
Divided Output.
8
VCC
Supply voltage 5V ± 0.25V.
Pin Description
HMC363G8
SMT GaAs HBT MMIC
DIVIDE-BY-8, DC - 12 GHz
v00.0203


Similar Part No. - HMC363G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results

Similar Description - HMC363G8_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_09 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363 HITTITE-HMC363_07 Datasheet
212Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363 HITTITE-HMC363_09 Datasheet
201Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363 AD-HMC363 Datasheet
311Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
HMC362S8G HITTITE-HMC362S8G_08 Datasheet
240Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com