Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC362S8GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC362S8GE
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC362S8GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC362S8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC362S8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC362S8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC362S8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC362S8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC362S8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
6 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
List of Materials for Evaluation PCB 104631 [1]
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and backside ground slug should be
connected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available
from Hittite upon request. This evaluation board is
designed for single ended input testing. J2 and J3
provide differential output signals.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
C1 - C4
100 pF Capacitor, 0402 Pkg.
C5
1000 pF Capacitor, 0603 Pkg.
C6
10 μF Tantalum Capacitor
U1
HMC362S8G / HMC362S8GE Divide-by-4
PCB [2]
104627 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC362S8G / 362S8GE
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 12 GHz
v03.0505


Similar Part No. - HMC362S8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC362S8GE AD-HMC362S8GE Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
More results

Similar Description - HMC362S8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_09 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com