Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC381LP6 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC381LP6_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6_08 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8
8 - 76
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Item
Description
J1 - J5
PCB Mount SMA RF Connector
J6 - J10
DC Pins
C1, C4 - C10
1000 pF Chip Capacitor, 0402 Pkg.
C2, C3
7 pF Chip Capacitor, 0402 Pkg.
C11, C12, C13
100 pF Chip Capacitor, 0402 Pkg.
L1, L2
220 nH Chip Inductor, 0603 Pkg.
L3
22 nH Chip Inductor, 0603 Pkg.
L4, L5
27 nH Chip Inductor, 0603 Pkg.
R1, R2
4.7 Ohm Resistor, 0603 Pkg.
R3
22 Ohm Resistor, 0603 Pkg.
U1
HMC381LP6 / HMC381LP6E
PCB [2]
106955 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
List of Materials for Evaluation PCB 106971 [1]
HMC381LP6 / 381LP6E
v04.1007
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.7 GHz


Similar Part No. - HMC381LP6_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
More results

Similar Description - HMC381LP6_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com