Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 382LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

382LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  382LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 382LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 382LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 382LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 382LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 382LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 1
HMC382LP3 / 382LP3E
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
v01.0610
General Description
Features
Functional Diagram
The HMC382LP3 & HMC382LP3E high dynamic
range GaAs PHEMT MMIC Low Noise Amplifiers are
ideal for GSM & CDMA cellular basestation front-end
receivers operating between 1.7 and 2.2 GHz. This LNA
has been optimized to provide 1.0 dB noise figure, 17
dB gain and +30 dBm output IP3 from a single supply
of +5V. The HMC382LP3 & HMC382LP3E feature an
externally adjustable supply current which allows the
designer to tailor the linearity performance of the LNA
for each application. For applications which require
improved noise figure, please see the HMC618LP3(E).
Noise Figure: 1 dB
Output IP3: +30 dBm
Gain: 17 dB
Externally Adjustable Supply Current
Single Positive Supply: +5V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V, Rbias = 16 Ohms*
Typical Applications
The HMC382LP3 / HMC382LP3E is ideal for:
• Cellular/3G Infrastructure
• Base Stations & Repeaters
• CDMA, W-CDMA, & TD-SCDMA
• GSM/GPRS & EDGE
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.0
2.0 - 2.1
2.1 - 2.2
GHz
Gain
14
17
12
15
11
14
9
12
dB
Gain Variation Over Temperature
0.01
0.015
0.01
0.015
0.01
0.015
0.01
0.015
dB/°C
Noise Figure
1.0
1.3
1.05
1.35
1.15
1.45
1.2
1.5
dB
Input Return Loss
13
12
11
10
dB
Output Return Loss
10
13
12
9
dB
Reverse Isolation
37
36
35
35
dB
Output Power for
1dB Compression (P1dB)
16
16
15.5
14
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone,
1 MHz tone spacing)
29.5
30
30
29.5
dBm
Supply Current (Idd1 + Idd2)
67
67
67
67
mA
* Rbias resistor value sets current. See application circuit herein.


Similar Part No. - 382LP3E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
382L103M063N042 CDE-382L103M063N042 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
382L103M063N042 CDE-382L103M063N042 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382L103M063N042 CDE-382L103M063N042 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
382L122M315N052 CDE-382L122M315N052 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
382L123M080N052 CDE-382L123M080N052 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
More results

Similar Description - 382LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com