Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC361S8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC361S8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC361S8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC361S8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6
6 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Description
Pin Number
Function
Description
Interface Schematic
1
OUT
Divided output 180° out of phase with pin 3.
2, 6
N/C
No connection. These pins must not be grounded.
3
OUT
Divided Output.
4
VCC
Supply voltage 5V ± 0.25V.
5
IN
RF Input must be DC blocked.
7IN
RF Input 180° out of phase with pin 5 for differential operation.
A/C ground for single ended operation
8GND
Ground Backside of package has exposed metal ground slug which
must be connected to ground.
HMC361S8G / 361S8GE
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 10 GHz
v06.1008


Similar Part No. - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
HMC361S8GE AD-HMC361S8GE Datasheet
385Kb / 6P
   Satellite communication systems
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
More results

Similar Description - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364S8G HITTITE-HMC364S8G_09 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com