Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC392LH5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC392LH5
Description  GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC392LH5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC392LH5_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC392LH5_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC392LH5_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC392LH5_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC392LH5_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC392LH5_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 90
HMC392LH5
GaAs MMIC LOW NOISE
AMPLIFIER, 3.5 - 7.0 GHz
v00.0707
General Description
Features
Functional Diagram
The HMC392LH5 is a GaAs MMIC Low Noise
Amplifier packaged in a hermetic surface mount
package which operates between 3.5 and 7 GHz. The
amplifier provides 15.4 dB of gain, 2.5 dB noise figure,
and +24.5 dBm output IP3 from a single+5V supply.
The HMC392LH5 has six biasing options which allow
the user to select the bias point and output power of the
device (+13 to +17 dBm). The HMC392LH5 functions
well as a low noise or driver amplifier and is ideal for
driving the LO port of Hittite mixers. The HMC392LH5
is well suited for high reliability military, industrial and
space applications.
High Gain: 15.4 dB
Low Noise Figure: 2.5 dB
Single Positive Supply: +5V
DC Blocked & 50 Ohm Matched RF I/Os
No External Matching Components Required
Hermetic SMT Package, 25 mm2
Electrical Specifications
, T
A = +25° C, Vdd = +5V, PS4= PS8= GND
Typical Applications
The HMC392LH5 is ideal for:
• Point-to-Point Radios
• VSAT
• LO Driver for HMC Mixers
• Military EW, ECM, C3I
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
4 - 6
3.5 - 7
GHz
Gain
12.8
15.4
12
15.2
dB
Gain Variation Over Temperature
0.018
0.025
0.018
0.025
dB/ °C
Noise Figure
2.5
3.2
2.7
3.7
dB
Input Return Loss
15
12
dB
Output Return Loss
17
15
dB
Output Power for 1 dB Compression (P1dB)
11
13.5
14
dBm
Saturated Output Power (Psat)
17.5
17.5
dBm
Output Third Order Intercept (IP3)
22
24.5
21
24.5
dBm
Supply Current (Idd)
43
60
43
60
mA
Note: Data taken with pins PS4 & PS8 connected to ground and pins PS3, PS4, PS6 & PS7 unconnected (state 5) unless otherwise
noted.


Similar Part No. - HMC392LH5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results

Similar Description - HMC392LH5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392_09 Datasheet
190Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4_09 Datasheet
198Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com