Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC392LH5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC392LH5
Description  GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC392LH5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC392LH5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC392LH5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC392LH5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC392LH5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC392LH5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC392LH5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 93
Power Compression @ 5.5 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+8 Vdc
RF Input Power (RFIN)(Vdd = +5 Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 6.99 mW/°C above 85 °C)
0.629 W
Thermal Resistance
(channel to ground paddle)
143.08 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85° C
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
+4.5
43
+5.0
44
+5.5
45
(State 5 Depicted)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. PACKAGE BODY MATERIAL: CERAMIC & KOVAR
2. LEAD AND GROUND PADDLE PLATING: GOLD 40 - 80 MICROINCHES.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PAD BURR LENGTH 0.15mm MAX.
PAD BURR HEIGHT 0.25mm MAX.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Outline Drawing
0
5
10
15
20
-15
-13
-11
-9
-7
-5
-3
-1
1
3
5
Pout
Gain
PAE
INPUT POWER (dBm)
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE
AMPLIFIER, 3.5 - 7.0 GHz


Similar Part No. - HMC392LH5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results

Similar Description - HMC392LH5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392_09 Datasheet
190Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4_09 Datasheet
198Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com