Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

394LP4E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 394LP4E
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

394LP4E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button 394LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 394LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
6 - 57
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Applications Information
Simplified Block Diagram
Asynchronous Programming
The 5-Bit programmable counter counts-down from the programmed value of the data bits to zero and issues an
output pulse at the end of each cycle. Settling time of the programmable 5-Bit counter is defined as the maximum
time required for the counter to change the division ratio N to a new value after the data bits have settled. The worst
case settling time occurs if the data bits A0 thru A4 are changing during the load cycle. Under this condition, the
data bits may potentially be erroneous when they are clocked in and in the worst case could be all 1’s, requiring 32
clock cycles until the correct data is re-loaded into the flip flops. The worst case asynchronous settling time can be
calculated as follows:
T
SETTLING MAX
= 32/f
IN
(For Asynchronous Programming)
As an example, if the input frequency is 1 GHz, the maximum settling time is 32 nS
HMC394LP4 / 394LP4E
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v08.0607


Similar Part No. - 394LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
394LP4E HITTITE-394LP4E Datasheet
457Kb / 10P
   GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
More results

Similar Description - 394LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC394LP4 AD-HMC394LP4 Datasheet
583Kb / 10P
   GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4_07 Datasheet
457Kb / 10P
   GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4 Datasheet
317Kb / 10P
   GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
List of Unclassifed Man...
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
   DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
   DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com