Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC406MS8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC406MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC406MS8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC406MS8G_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC406MS8G_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC406MS8G_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC406MS8G_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC406MS8G_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC406MS8G_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 17
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+5.5V
Control Voltage (Vpd)
+5.5V
RF Input Power (RFIN)(Vs = Vpd = +5V)
+20 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 32 mW/°C above 85 °C)
2.1 W
Thermal Resistance
(junction to ground paddle)
31 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85° C
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC406MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H406
XXXX
HMC406MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H406
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC406MS8G / 406MS8GE
v05.1209
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 5 - 6 GHz


Similar Part No. - HMC406MS8G_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
More results

Similar Description - HMC406MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G_09 Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 7 GHz
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com