Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC406MS8GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC406MS8GE
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC406MS8GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC406MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC406MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC406MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC406MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC406MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC406MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 18
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1Vpd
Power Control Pin. For maximum power, this pin should be
connected to 5V. A higher voltage is not recommended. For
lower idle current, this voltage can be reduced.
2, 4, 7
GND
Ground: Backside of package has exposed metal ground
slug that must be connected to ground thru a short path.
Vias under the device are required.
3RFIN
This pin is AC coupled
and matched to 50 Ohms.
5, 6
RFOUT
RF output and bias for the output stage. The power supply
for the output device needs to be supplied to these pins.
8Vcc
Power supply voltage for the first amplifier stage. An
external bypass capacitor of 330 pF is required. This
capacitor should be placed as close to the devices as
possible.
Application Circuit
Note 1: C3 should be located < 0.020” from Pin 8 (Vcc)
Note 2: C2 should be located < 0.020” from L1.
TL1
TL2
TL3
Impedance
50 Ohm
50 Ohm
50 Ohm
Length
0.038”
0.231”
0.1”
HMC406MS8G / 406MS8GE
v05.1209
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 5 - 6 GHz


Similar Part No. - HMC406MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results

Similar Description - HMC406MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G_09 Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 7 GHz
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com