Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM51031D Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM51031D
Description  Fast PFET Buck Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM51031D Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM51031D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM51031D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Fast PFET Buck Controller
LM51031
FEATURES
1.0 A Totem Pole Output Driver
High Speed Oscillator (700 kHz max)
No Stability Compensation Required
Lossless Short Circuit Protection
Vcc Monitor
2.0% Precision Reference
Programmable Soft-Start
Moisture Sensitivity Level 3
The LM51031 is a switching contoller for use in DC-DC converters.
It can be used in the buck topology with a minimum number of
external components. The LM51031 consists of a Vcc monitor for
controlling the state of the device, 1.0A power driver for controlling
the gate of a discrete P-Channel transistor, fixed frequency oscillator,
short circuit protection timer, programmable Soft-Start, precision
ORDERING INFORMATION
reference, fast output voltage monitoring comparator, and output
stage driver logic with latch.
The high frequency oscillator allows the use of small inductiors
and output capacitors, minimizing PC board area and system cost.
The programmable Soft-Start reduces current surges at startup. The
short circuit protection timer signifaicantly reduces the duth cycle to
approximately 1/30 of its cycle during short circuit conditions.
2008 - Ver. 1.0
Device
Marking
Package
LM51031D
LM51031
SOP-8
HTC
DESCRIPTION
1 −
SOP-8 PKG
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application


Similar Part No. - LM51031D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100A NSC-LM5100A Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM51031D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com