Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063C Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # MC34063C
Description  0.8A Step Down / Step Up / Inverting DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

MC34063C Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  MC34063C_08 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. MC34063C_08 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C
FEATURES
Operating From 3V To 40V
Low Standby Current
Current Limitting
Output Switch Current to 0.8A
Output Valtage Adjustable
Operation Frequency up to 180KHz (CT=100pF)
Precision 2% Reference
Moisture Sensitivity Level 3
Application
Battery Chargers
NICs / Switches / Hubs
ADSL Modems
Negative Voltage Power Supplies
ORDERING INFORMATION
DESCRIPTION
The MC34063C is a monolithic switching regulator control circuit containing the primary funtions required for
DC-DC converters.
This device consists of internal temperature compenssated reference, voltage comparator, cotrolled duty cycle
duty cycle oscillator with active current. The device is specifically designed to be used in Step-Down, Step-Up
and Voltage-Inverting applications with a minimum number of external components.
The MC34063C is the enhanced version of MC34063A with the ability to work in higher frequency.
The 34063C is available in 2 pcakages : SOP-8 and DIP-8.
2008 - Ver. 1.0
HTC
1 −
Device
MC34063CD
MC34063CN
Package
SOP-8
DIP-8
8 SOP/ 8 DIP PIN Configulation
SOP-8 PKG
DIP-8 PKG
Comparator
Inverting
Input
Switch
Emitter
Timing
Capacitor
Ground
Ipk Sense
Vcc
Driver
Collector
Switch
Collector
1
2
3
4
8
7
6
5


Similar Part No. - MC34063C_08

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
MC34063CD HTC-MC34063CD Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
First Components Intern...
MC34063CD FCI-MC34063CD Datasheet
276Kb / 5P
   DC to DC converted Controller
logo
HTC Korea TAEJIN Techno...
MC34063CD HTC-MC34063CD Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063CN HTC-MC34063CN Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063CN HTC-MC34063CN Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
More results

Similar Description - MC34063C_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com