Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ1509AD-12 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ1509AD-12
Description  150kHz, 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ1509AD-12 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ1509AD-12 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ1509AD-12 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
150kHz, 2A PWM Buck DC/DC Converter
TJ1509A
FEATURES
Output voltage: 3.3V, 5V, 12V and adjustable
output version
Adjustable version output voltage range,
1.23V to 18V+4%
150KHz +15% fixed switching frequency
Voltage mode non-synchronous PWM control
Thermal-shutdown and current-limit protection
ON/OFF shutdown control input
Operating voltage can be up to 26V
Output load current: 2A
SOP-8L packages
Low power standby mode
Built-in switching transistor on chip
Moisture Sensitivity Level 3
APPLICATIONS
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
Negative Step-Up Converters
ORDERING INFORMATION
Power Supply for Battery Chargers
DESCRIPTION
Mar. 2010 - R1.3
HTC
TJ1509A 5.0
SOP-8
PIN DESCRIPTION
4
Pin No
Function
Description
1
Vin
Operating voltage input
5~8
TJ1509AD-ADJ
TJ1509A ADJ
TJ1509AD-3.3
TJ1509A 3.3
TJ1509AD-12
TJ1509A 12
TJ1509AD-5.0
- 1 -
2
Vout
Switching output
3
FB
Output voltage feedback control
SD
ON/OFF Shutdown
Ground
Ground
Device
Marking
Package
The TJ1509A series are monolithic IC designed for a step-down DC/DC converter, and own the ability of
driving a 2A load without additional transistor component. Due to reducing the number of external
component, the board space can be saved easily. The external shutdown function can be controlled by
logic level and then come into standby mode.
The internal compensation makes feedback control have good line and load regulation without external
design. Regarding protected function, thermal shutdown is to prevent over temperature operating from
damage, and current limit is against over current operating of the output switch. If current limit function
occurred and VFB is down to 0.5V below, the switching frequency will be reduced.
The TJ1509A series operates at a switching frequency of 150KHz thus allowing smaller sized filter
components than what would be needed with lower frequency switching regulators. Other features
include a guaranteed +4% tolerance on output voltage under specified input voltage and output load
conditions, and +15% on the oscillator frequency.
The output version included fixed 3.3V, 5V, 12V, and an adjustable type.
The packages are available in a standard 8-lead SOP-8 package.
SOP-8 PKG


Similar Part No. - TJ1509AD-12

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TJ150A TOPSTEK-TJ150A Datasheet
119Kb / 2P
   Topstek Current Transducer
logo
Toshiba Semiconductor
TJ150F04M3L TOSHIBA-TJ150F04M3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
314Kb / 10P
   Motor Drivers
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TJ1509AD-12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com