Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ2997GDP Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2997GDP
Description  DDR Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2997GDP Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ2997GDP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2997GDP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DDR Termination Regulator
TJ2997
Apr, 2011 - R1.0.1
1/13
HTC
SOP8 / SOP8-PP PKG
ORDERING INFORMATION
Device
Package
TJ2997GD
SOP8
TJ2997GDP
SOP8-PP
FEATURES
Source and sink current
Low output voltage offset
No external resistors required
Linear topology
Suspend to Ram (STR) functionality
Low external component count
Thermal Shutdown
Available in SOP8, SOP8-PP Packages
APPLICATION
DDR -II and -III Termination Voltage
SSTL Termination
HSTL Termination
DESCRIPSION
The TJ2997 linear regulator is designed to meet the JEDEC SSTL specifications for termination of DDR-
SDRAM. The device contains a high-speed operational amplifier to provide excellent response to load
transients. The output stage prevents shoot through while delivering up to 1.5A continuous current and
transient peaks up to 3A with respect to PVIN operating condition in the application as required for DDR-
SDRAM termination. The TJ2997 also incorporates a VSENSE pin to provide superior load regulation and a
VREF output as a reference for the chipset and DIMMs. An additional feature found on the TJ2997 is an
active high enable (EN) pin that provides Suspend To RAM (STR) functionality. When EN is pulled low the
VTT output will tri-state providing a high impedance output, but, VREF will remain active. A power savings
advantage can be obtained in this mode through lower quiescent current.
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage to GND
PVIN
AVIN
VDDQ
-0.3
-0.3
-0.3
6.0
6.0
6.0
V
Lead Temperature (Soldering, 10 sec)
TSOL
260
Storage Temperature Range
TSTG
-65
150
Operating Junction Temperature Range
TJOPR
-40
125
Recommended Operation Range
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
AVIN to GND
AVIN
2.3
5.5
V
PVIN & EN to GND
PVIN & EN
0
AVIN
V
Ordering Information
Package
Order No.
Description
Package Marking
Supplied As
SOP8
TJ2997GD
DDR Termination Regulator
TJ2997G
Reel
SOP8-PP
TJ2997GDP
DDR Termination Regulator
TJ2997G
Reel


Similar Part No. - TJ2997GDP

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2995D HTC-TJ2995D Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2995DP HTC-TJ2995DP Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2996 HTC-TJ2996 Datasheet
973Kb / 14P
   DDR Termination Regulator
TJ2996D HTC-TJ2996D Datasheet
973Kb / 14P
   DDR Termination Regulator
More results

Similar Description - TJ2997GDP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com