Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC414MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC414MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC414MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC414MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC414MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 60
Power Compression@ 2.4 GHz, Vs= 3.6V
Power Compression@ 2.4 GHz, Vs= 5V
Psat vs. Temperature, Vs= 3.6V
Psat vs. Temperature, Vs= 5V
Output IP3 vs. Temperature, Vs= 3.6V
Output IP3 vs. Temperature, Vs= 5V
0
4
8
12
16
20
24
28
32
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
6
12
18
24
30
36
-14
-9
-4
1
6
11
16
Pout
Gain
PAE
INPUT POWER (dBm)
0
6
12
18
24
30
36
-14
-9
-4
1
6
11
16
Pout
Gain
PAE
INPUT POWER (dBm)
12
17
22
27
32
37
42
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
12
17
22
27
32
37
42
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC414MS8G / 414MS8GE
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 2.2 - 2.8 GHz
v04.0607


Similar Part No. - HMC414MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC414MS8GE AD-HMC414MS8GE Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
More results

Similar Description - HMC414MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC413QS16G HITTITE-HMC413QS16G Datasheet
318Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
HMC413QS16G HITTITE-HMC413QS16G_09 Datasheet
288Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com