Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3212D Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3212D
Description  DDR VDDQ and VTT Termination Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3212D Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3212D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3212D Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DDR VDDQ and VTT Termination Voltage Regulator
TJ3212
Mar. 2011 - Preliminary
- 6
-
HTC
ELECTRICAL CHARACTERISTICS
Parameters
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage Range
VIN
3.0
3.6
V
Quiescent Current
IQ
IDDQ = 0, ITT =0
2
mA
ADJSD Voltage
VADJSD
(3)
1.225
1.250
1.275
V
Shutdown Current
ISHDN
VADJSD = 3.3V (shutdown)
0.1
mA
ADJSD Logic High
SHDN_H
(2)
2.7
V
ADJSD Logic Low
SHDN_L
(3)
1.5
V
Under-voltage Lockout
UVLO
Hysteresis = 100mV
(3)
2.40
2.70
2.90
V
Thermal SHDN Threshold
TOVER
(3)
150
170
°C
Thermal SHDN Hysteresis
THYS
50
°C
VDDQ, VTT TEMPCO
TEMPCO
IOUT = 1A
(3)
100
ppm/°C
VDDQ Regulator
VDDQ Output Voltage
VDDQ EDF
IDDQ = 100mA
2.450
2.500
2.550
V
VDDQ Load Regulation
VDDQ LOAD
10mA ≤ IDDQ ≤ 2A
(4)
10
25
mV
VDDQ Line Regulator
VDDQ LINE
3.0V ≤ VIN ≤ 3.6V, IDDQ = 0.1A
5
25
mV
VDDQ Dropout Voltage
VDROP
IDDQ = 2A
(5)
500
mV
ADJSD Bias Current
IADJ
(3)
0.8
3
uA
VDDQ Current Limit
IDDQ LIM
2.0
2.5
A
VTT Regulator
VTT Output Voltage
VTT DEF
ITT = 100mA
1.225
1.250
1.275
V
VTT Load Regulation
VTT LOAD
Source, 10mA ≤ ITT ≤ 2A
(4)
Sink, -2A ≤ ITT ≤ 10mA
(4)
-30
10
-10
30
mV
mV
VTT Line Regulator
VTT LINE
3.0V ≤ VIN ≤ 3.6V, ITT = 0.1A
5
15
mV
ITT Current Limit
ITT LIM
Source / Sink
(4)
± 2.0
± 2.5
A
VTT Shutdown Leakage
Current
IVTT OFF
VEN_VTT = 0.4V (shutdown)
10
uA
Reference Voltage
VREF
CREF = 0.1uF, IREF = 100uA
1.225
1.250
1.275
V
Note 1. VIN = 3.3V, VDDQ = 2.50V, VTT = 1.25V (default values), CDDQ=CTT=47 F, TA = 25°C unless otherwise specified.
Note 2. The ADJSD Logic High value is normally satisfied for full input voltage range by using a low leakage current (below 1 A).
Schottky diode at ADJSD control pin.
Note 3. Guaranteed by design.
Note 4. Load and line regulation are measured at constant junction temperature by using pulse testing with a low duty cycle. For high current
tests, correlation method can be used. Changes in output voltage due to heating effects must be taken into account separately. Load
and line regulation values are guaranteed by design up to the maximum power dissipation.
Note 5. Dropout voltage is the input to output voltage differential at which output voltage has dropped 100mV from the nominal value obtained
at 3.3V input. It depends on load current and junction temperature. Guaranteed by design.


Similar Part No. - TJ3212D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ3 VISHAY-TJ3 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
TJ3-HT VISHAY-TJ3-HT Datasheet
139Kb / 5P
   Toroid, High Current, High Temperature
Revision: 04-Mar-08
TJ3-HT VISHAY-TJ3-HT Datasheet
149Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
TJ3-HT VISHAY-TJ3-HT Datasheet
149Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results

Similar Description - TJ3212D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3212 ONSEMI-CM3212 Datasheet
200Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
   Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com