Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC420QS16 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC420QS16
Description  CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC420QS16 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC420QS16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 4Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 5Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 6Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 7Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
9
9 - 8
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Application Circuit
Note: Pin 5 and Pin 6 may be connected to a common Vdd Supply.
Selection of L2 & C6
For Various Tuned IF Frequencies
IF
L2*
C6*
120 MHz
150 nH
12 pF
70 MHz
180 nH
39 pF
100 MHz
180 nH
18 pF
150 MHz
120 nH
9 pF
170 MHz
120 nH
7 pF
190 MHz
100 nH
6 pF
250 MHz
82 nH
4 pF
HMC420QS16 / 420QS16E
v03.0810
CELLULAR RFIC
DOWNCONVERTER, 0.7 - 1.0 GHz


Similar Part No. - HMC420QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
More results

Similar Description - HMC420QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
   RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com