Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3940S-2.5V-3L Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3940S-2.5V-3L
Description  1A Ultra Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3940S-2.5V-3L Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ3940S-2.5V-3L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3940S-2.5V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3940
Jan. 2011 – Rev.1.0
- 4 -
HTC
ELECTRICAL CHARACTERISTICS(Note 1)
Limits in standard typeface are for TJ=25℃, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN
(Note 2)
= VO(NOM) + 1 V, IL = 10 mA, CIN = 68 uF, COUT = 33 uF
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance
VO
10 mA < IL < 1A
VOUT+1 V < VIN < 6 V
-2
-3
0
2
3
%
Line Regulation
(Note 3)
ΔVLINE
VOUT+1 V < VIN < 6 V
-
0.10
0.22
0.25
%/V
Load Regulation
(Note 3, 4)
ΔVLOAD
10 mA < IL < 1A
-
0.25
0.55
0.60
%
Dropout Voltage
(Note 5)
VDROP
IL = 1A
-
450
550
600
mV
IL = 100mA
-
30
55
75
Ground Pin Current
(Note 6)
IGND1
IL = 1A
-
30
55
75
uA
Output Peak Current
IPEAK
1.4
1.2
1.6
-
A
Thermal Shutdown Temperature
TSD
-
165
-
Thermal Shutdown Hysteresis
ΔTSD
-
10
-
Note 1. Stresses listed as the absolute maximum ratings may cause permanent damage to the device. These are for stress ratings. Functional
operating of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may remain possibly to affect device reliability.
Note 2. The minimum operating value for input voltage is equal to either (VOUT,NOM + VDROP) or 2.5V, whichever is greater.
Note 3. Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current.
Note 4. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load regulation in the
load range from 10mA to 1A.
Note 5. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the dropout voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
Note 6. Ground current, or quiescent current, is the difference between input and output currents. It's defined by IGND1 = IIN - IOUT under the
given loading condition. The total current drawn from the supply is the sum of the load current plus the ground pin current.


Similar Part No. - TJ3940S-2.5V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3940S-2.5V-3L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com