Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC421QS16 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC421QS16
Description  PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC421QS16 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC421QS16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 4Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 5Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 6Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 7Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Conversion Gain
vs. Temperature @ LO = +10 dBm
Isolation @ LO = +10 dBm
IF Bandwidth @ LO = +10 dBm
Return Loss @ LO = +10 dBm
Conversion Gain vs. LO Drive
Conversion Gain
vs. Vdd @ LO = +10 dBm
0
2
4
6
8
10
12
14
1
1.5
2
2.5
+25 C
-40 C
+85 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
1
1.5
2
2.5
LO = +4 dBm
LO = +6 dBm
LO = +8 dBm
LO = +10 dBm
LO = +12 dBm
LO = +13 dBm
FREQUENCY (GHz)
-10
-6
-2
2
6
10
14
0
0.1
0.2
0.3
0.4
0.5
CONVERSION GAIN
RETURN LOSS
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
1
1.5
2
2.5
+4.5V
+5.0V
+5.5V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
RF
LO
FREQUENCY (GHz)
-90
-75
-60
-45
-30
-15
0
1
1.5
2
2.5
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)
HMC421QS16 / 421QS16E
v04.0810
PCS/UMTS HIGH IP3 RFIC
DOWNCONVERTER, 1.4 - 2.3 GHz


Similar Part No. - HMC421QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results

Similar Description - HMC421QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com