Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ7660 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TJ7660
Description  Charge Pump Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ7660 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TJ7660_08 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ7660_08 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Charge Pump Voltage Converters
TJ7660
Absolute Maximum Ratings
ELECTRICAL CHARACTERISTIC (TJ7660, V+ = 5V, TA = 25oC, COSC = 0, unless Otherwise Specified)
Voltage Conversion Efficie
NOTES
1. θJA is measured with the component mounted on an evaluation PC board in free air.
2. Connecting any input terminal to voltages greater than V+ or less than GND may cause
destructive latchup. It is recommended that no inputs from sources operating from
external supplies be applied prior to “power up” of the TJ7660.
HTC
VOUT EF
RL = ∞
98
99.9
95
-
%
V
10
-
kHz
98
-
%
Oscillator Frequency
fOSC
-
Power Efficiency
PEF
RL =5kΩ
-
400
-
300
60
100
IOUT =20mA, -20℃ ≤ TA ≤ 70℃
---
Output Source Resistance
ROUT
IOUT =20mA, TA =25℃
-
V+ = 2V, IOUT = 3mA, LV to GND
-20℃≤ TA ≤ 70℃
-
V+ = 2V, IOUT = 3mA, LV to GND,
-20℃ ≤ TA ≤ 70℃
-
-
3.5
V
Supply Voltage Range -Hi
VH+
MIN ≤ TA ≤ MAX, RL =10kΩ,LVto Open
3--
V
Supply Voltage Range -Lo
VL+
MIN ≤ TA ≤ MAX, RL =10kΩ, LV to GND 2.0
-
100
180
µA
Supply Current
I+
RL = ∞
PARAMETER
SYMBOL
TEST CONDITIONS
N/A
Thermal Information
θJC (℃/W)
(SOIC - Lead Tips Only)
Maximum Lead Temperature (Soldering, 10s)
Thermal Resistance (Typical, Note 1)
Metal Can Package (TJ7660 Only)
PDIP Package
θ
JA (℃/W)
UNITS
MIN
TYP
MAX
TJ7660
Operating Ambient Temperature
-20 to 70
70
Continuous
165
150
-65℃ to 150℃
300℃
+10.5V
-0.3V to [(V+ +0.3V) for V+] < 5.5V
(V+ -5.5V) to [(V+ +0.3V) for V+] > 5.5V
V
20µA for V+ > 3.5V
uA
Maximum Storage Temperature Range
- 2 -
N/A
160
SOIC Package
Supply Voltage TJ7660
Output Short Duration (VSUPPLY ≤ 5.5V)
Current into LV (Note 2)
LV and OSC Input Voltage (Note2)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is
a stress only rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.


Similar Part No. - TJ7660_08

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660D HTC-TJ7660D Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660N HTC-TJ7660N Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results

Similar Description - TJ7660_08

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com