Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC423MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC423MS8
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC423MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC423MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC423MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC423MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC423MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC423MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC423MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 280
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = 0 dBm
Input IP3 vs.
Temperature @ LO = 0 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Upconverter Performance
Conversion Gain @ LO = 0 dBm
MxN Spurious @ IF Port
nLO
mRF
0
1234
0XX5
25
27
26
1120
31
45
57
270
61
70
49
78
3>92
89
87
73
77
4
>92
>92
>92
>92
>92
RF = 1.0 GHz @ -10 dBm
LO = 0.9 GHz @ 0 dBm
All values in dBc relative to the IF.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
0.7
30
15
42
40
0.85
34
16
50
42
138
19
48
52
1.15
40
22
54
58
1.3
42
26
44
59
1.45
39
31
50
60
LO = 0 dBm
All values in dBc below input LO level @ RF port.
HMC423MS8 / 423MS8E
v02.0705
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 0.6 - 1.3 GHz
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
FREQUENCY (GHz)
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
-40 C
+85 C
FREQUENCY (GHz)
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
LO = -2 dBm
LO = 0 dBm
LO = +2 dBm
FREQUENCY (GHz)
5
6
7
8
9
10
11
12
13
14
15
0.6
0.8
1
1.2
1.4
1.6
+25 C
-40 C
+85 C
FREQUENCY (GHz)


Similar Part No. - HMC423MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
More results

Similar Description - HMC423MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com