Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3964GSF5-1.5 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3964GSF5-1.5
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3964GSF5-1.5 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TJ3964GSF5-1.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3964GSF5-1.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3964
Dec. 2009 – Rev. 1.1
- 5 -
HTC
TYPICAL APPLICATION
Typical 3 Pin Application
COUT
33uF
CIN
68uF
VIN
VOUT
TJ3964
GND
INPUT
OUTPUT
Typical 5 / 8 Pin Application
COUT
33uF
CIN
68uF
EN
VIN
VOUT
SENSE
TJ3964
GND
INPUT
OUTPUT
EN
5 / 8 Pin Remote Load Sense Application
CIN
68uF
EN
VIN
VOUT
SENSE
TJ3964
GND
INPUT
EN
COUT
33uF
L
O
A
D
OUTPUT
Typical Adjustable Version Application
COUT
33uF
CIN
68uF
EN
VIN
VOUT
ADJ
TJ3964
GND
INPUT
OUTPUT
EN
R2
R1
* TJ3964 can deliver a continuous current of 1A over the full operating temperature. However, the output
current is limited by the restriction of power dissipation which differs from packages. A heat sink may be
required depending on the maximum power dissipation and maximum ambient temperature of application.
With respect to the applied package, the maximum output current of 1A may be still undeliverable.
* When a Pull-Up resistor is connected between VEN terminal and VEN Signal (or VIN line), the resistance
of the Pull-Up resistor should be kept under 10kΩ.
* See Application Information.
+
-
+
-
+
-
+
-
+
-
+
-


Similar Part No. - TJ3964GSF5-1.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.2 ETC1-TJ3965D-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965D-1.2V-8L HTC-TJ3965D-1.2V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3964GSF5-1.5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com