Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965MD-1.2V-8L Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965MD-1.2V-8L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965MD-1.2V-8L Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ3965MD-1.2V-8L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.2V-8L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 1 -
HTC
MSOP8 / SOP8 / SOP8-PP PKG
SOT-223 3L PKG
TO252 3L / 5L PKG
TO-263 3L / 5L PKG
TO-220 3L / 5L PKG
SOT-89 5L PKG
ORDERING INFORMATION
Device
Package
TJ3965MD-ADJ
TJ3965MD-X.X
MSOP8
TJ3965D-ADJ
TJ3965D-X.X
SOP8
TJ3965DP-ADJ
TJ3965DP-X.X
SOP8-PP
3965S-X.X
SOT-223 3L
TJ3965GRS-ADJ
TJ3965GRS-X.X
TO-252 3L/5L
TJ3965GR-ADJ
TJ3965GR-X.X
TO-263 3L/5L
TJ3965T-ADJ
TJ3965T-X.X
TO-220 3L/5L
3965F-ADJ
3965F-X.X
SOT-89 5L
FEATURES
Ultra Low Dropout Voltage
Low Ground Pin Current
Excellent Line and Load Regulation
Guaranteed Output Current of 1.5A
Available in MSOP8, SOP8, SOP8-PP, SOT-223,
TO-252, TO-263, TO-220, and SOT-89 Packages
Fixed Output Voltages : 1.2V, 1.8V, 2.5V, 3.3V, and 5.0V
SENSE Option Improves Load Regulation
Over-Temperature/Over-Current Protection
-40℃ to 125℃ Junction Temperature Range
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
DESCRIPSION
The TJ3965 series of high performance ultra low-dropout
linear regulators operates from 2.5V to 6V input supply
and provides ultra low-dropout voltage, high output
current with low ground current. Wide range of preset
output voltage options are available. These ultra low
dropout linear regulators respond fast to step changes in
load which makes them suitable for low voltage micro-
processor applications. The TJ3965 is developed on a
CMOS process technology which allows low quiescent
current operation independent of output load current. This
CMOS process also allows the TJ3965 to operate under
extremely low dropout conditions.
X.X = Output Voltage = 1.2, 1.8, 2.5, 3.3, and 5.0
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage (Survival)
VIN
-0.3
6.5
V
Enable Input Voltage (Survival)
VEN
(1)
-0.3
6.5
V
Maximum Output Current
IMAX
-
1.5
A
Lead Temperature (Soldering, 5 sec)
TSOL
260
Storage Temperature Range
TSTG
-65
150
Operating Junction Temperature Range
TJOPR
-40
125
(1) It is recommended for VEN voltage not to exceed VIN voltage.


Similar Part No. - TJ3965MD-1.2V-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965MD-1.2 ETC1-TJ3965MD-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965MD-1.2V-8L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com